Part Number Hot Search : 
2316226 DSPIC33 74LS22 M74HC4 LTC385 T54FC 100118Y D1220
Product Description
Full Text Search
 

To Download 4B06B-540-VB01-VB02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27, 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 4b06b-540-v (bo1) /v (bo2) - line protection module matched pair of resistors plus thermal fuse with tisp protection electrical characteristics resistance values (r1 = r2) .........................................................10 ? resistance tolerance ..................................................................? % tcr ..................................................................................100 ppm/? ratio tolerance ...........................................................................? % temperature range...................................................-40 ? to +85 ? physical characteristics body style ................................................................open frame sip substrate material ........................................................96 % alumina lead frame material........................................copper, solder coated flammability .....................................................conforms to ul94v-0 functional characteristics (per bellcore gr-1089) first level lightning sur ge - resistors will remain within tolerance after testing. 1000 volts peak, 100 amp peak current, max. rise/min. decay time 10x1000 ?, 60 seconds between pulses number of pulses ..............................25 each resistor each polarity 25 simultaneous each polarity 2500 volts peak, 500 amp peak current, max. rise/min. decay time 2x10 ?, 60 seconds between pulses number of pulses .............................10 simultaneous each polarity first level ac power fault - resistors will remain within tolerance after testing. 50 vrms, .33 amp short circuit current, duration...........................................................................15 minutes 100 vrms, .17 amp short circuit current, duration...........................................................................15 minutes 600 vrms, 1.0 amp short circuit current, duration ........................................................60 one-second pulses second level lightning sur ge - resistor package must fail safely causing no fire, electrical, or framentation hazard. 5000 volts peak, 500 amp peak current, max. rise/min. decay time 2x10 ?, number of pulses ...............................1 simultaneous each polarity second level ac power fault - resistor package must fail safely causing no fire, electrical, or framentation hazard. features rohs compliant* versions available matched pair of resistors plus fuse with tisp ? protection overvoltage and overcurrent protection to bellcore gr-1089 typical application is secondary protection on telecom line cards user selection of tisp4xxxh3bj 33.02 (1.300) max. 20.32 (.800) approximate tisp?location approximate fuse locations 4.57 (.180) max. max. max. 1 2 3 4b06b-540-v /v (b01) (b02) dcode 11 12 13 2.54 (.100) 0.36 (.014) 0.97 (.038) 1.91 (.075) max. 1.27 (.050) 3.43 .38 (.135 .015) 11.43 (.450) 2 plcs. 4 plcs. tisp tisp 1 2 11 f1 r1 tisp v (b01) tisp v (b02) r2 3 12 13 f2 how to order 4b 06 b - 540 - 125 / 219 l model (4b = open frame) number of pins physical configuration electrical configuration voltage breakover - v (bo) ?v (bo1) ?v (bo2) rohs compliant option blank = standard product l = rohs compliant product product dimensions electrical schematic dimensions: mm (inches) 4b06b-540-125/219 0205 asia-pacific: tel +886- (0)2 25624117 ?fax +886- (0)2 25624116 europe: tel +41-41 7685555 ?fax +41-41 7685510 americas: tel +1-951 781-5500 ?fax +1-951 781-5700 bourns.com rev. 06/11 ?isp?is a trademark of power innovations, ltd., a bourns company and registered in the u.s. patent and trademark office. *rohs compliant versions available


▲Up To Search▲   

 
Price & Availability of 4B06B-540-VB01-VB02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X